Part Number Hot Search : 
00506 ABT162 MAX151 N5817 MJE13007 USB32 MC68HC K2699
Product Description
Full Text Search
 

To Download P5-D204111 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  pushbuttons alternate action pushbuttons alternate action p5-d specifications subject to change without notice otto controls ? www.ottoeng.com 51 the rugged p5 series is an alternate action ?ush on, push off pushbutton switch with contoured dome styling. with two design ve rs io ns ,a flush dome and raised dome button profile, the p5-d series offers excellent mechanical and electrical performance while operating under severe conditions found in demanding applications. th e otto p5-d dome series features unsealed, dusttight, moistureproof and watertight seal options. expect a minimum of 100,000 operations at full rated load of 10 amperes resistive or 5 amperes inductive; up to a m illion operations in low signal switching applications. th e otto p5-d dome series is a quality precision snap-action switch designed for use in panels, instruments, and other demanding applicat ions where attractive, rugged pushbutton switches are required. quality features: ?ttrac tive dome style button ? wo contoured button styles ? ut to n sealed with patented rolling sleeve principle ? on ta ct ar ea sealed at case and terminals ? atertight ip68 available ? es s tha n 25 m illiohms contact resistance ? andles low level to 10 amperes ?hoi ce of 9 button colors ? oi st ureproof and dusttight to ip64 & mil-prf-8805 de s ign 2 ? atertight: ip68 available ? nsealed construction also available 9 vibrant colors ? ush on , p ush off action p5-d part number code p5-d x x x x x x button terminal circuit form seal bezel button style style contac t material-grade le vel color color 1. flush 0. special ? 1. spst, silver, commercial 1. unsealed 1. cl ear 1. red 2. raised 1. solder 2. spst, gold, commercial 2. dusttight 2. black 2. black 2. screw ? 3. spdt, silver, commercial 3. water tight 3. orange 4. spdt, gold, commercial 4. yel lo w 5. spst, silver, m ilitary grade 5. green 6. spst, gold, military grade 6. blue 7. spdt, silver, m ilitary grade 7. purple 8. spdt, gold, military grade 8. gray 9. white ? specials are serialized. subsequent numbers do not specify standard features. ? sc re w terminals available on spst circuit forms only. a ttractive and rugged for wet and dusty environments standard characteristics/ratings: operational: mechanical life: 1 ,000,000 cycles minimum seal: moistureproof and dusttight operating force: .3 lbs., +1/-1/2 lbs. te mp er ature range: -55c to +85c materials: case: an odized a luminum butt o n: t hermoplastic mounting hardware: 5/8-24 hexnut & internal tooth lockwasher contacts: sil ver alloy el ec tr i cal: (at 28 vdc or 115 vac, 60/400 hz.) l oad amperes life (min.) re si sti ve 5 10 0 ,000 cycles re si sti ve 10 25 ,000 cycles i ndu ct iv e5 25 ,000 cycles mo to r3 25 ,000 cycles la mp 12 5 ,000 cycles di el ectric withstand: 10 5 0vrms


▲Up To Search▲   

 
Price & Availability of P5-D204111

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X